Part Number Hot Search : 
ARV241 MA2B182 30M125 P6KE200C LPBA50M 223ML 2N3859A H0013NL
Product Description
Full Text Search
 

To Download CC610816 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD61__16A, CS61__16A CN61__16A, CC61__16A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
TM
OUTLINE DRAWING
A D E F F
Description:
Powerex Dual Diode & Single Diode Modules are designed for use in applications requiring rectification and isolated packaging. The modules are isolated for easy mounting with other components on a common heatsink. TM POW-R-BLOK has been tested and recognized by the Underwriters Laboratories. CD61__16A, CS61__16A CN61__16A, CC61__16A Dual & Single Diode Isolated TM POW-R-BLOK Module 160 Amperes / Up to 1600 Volts
B
G 1 2 3
"J" (3 )
F "K" (2)
C H
Features:
T T T T T Electrically Isolated Heatsinking DBC Alumina Insulator Glass Passivated Chips Metal Baseplate Low Thermal Impedance for Improved Current Capability T UL Recognized (E78240)
CD61
1
~
2
-3
+
3
CN61
1
1
+
2
+
Benefits:
CS61
2
Ordering Information:
CONNECTION DIAGRAMS
Outline Dimensions
Dimension A B C D E F G H J K Inches 3.70 1.38 1.18 3.15 0.67 0.91 0.57 0.35 M6 0.26 Millimeters 94 35 30 80 17 23 14.5 9 M6 6.5
Select the complete nine digit module part number from the table below. Example: CD611616A is a 1600 Volt, 160 Ampere Dual Diode Isolated TM POW-R-BLOK Module
T No Additional Insulation Components Required T Easy Installation T No Clamping Components Required T Reduce Engineering Time
+
Applications:
Type
CD61 CN61 CC61 CS61
Voltage Volts (x100)
08 12 14 16
Current Amperes (x10)
16
T T T T T T
Power Supplies Bridge Circuits AC & DC Motor Drives Battery Supplies Large IGBT Circuit Front Ends Welders
Note: Dimensions are for reference only.
Revision Date: 12/04/2002
CD61__16A, CS61__16A CN61__16A, CC61__16A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
TM
Absolute Maximum Ratings
Characteristics Repetitive Peak Reverse Blocking Voltage Non-Repetitive Peak Reverse Blocking Voltage (t < 5 msec) RMS Forward Current Average Forward Current Peak One Cycle Surge Current, Non-Repetitive 180 Conduction, TC=100C 180 Conduction, TC=100C 60 Hz, 100% VRRM reapplied, TJ=150C 60 Hz, 100% No VRRM reapplied, TJ=150C 50 Hz, 100% VRRM reapplied, TJ=150C 50 Hz, 100% No VRRM reapplied, TJ=150C Peak Three Cycle Surge Current, Non-Repetitive 60 Hz, 100% VRRM reapplied, TJ=150C 50 Hz, 100% VRRM reapplied, TJ=150C Peak Ten Cycle Surge Current, Non-Repetitive
2
Conditions
Symbol VRRM VRSM IF(RMS) IF(AV) IFSM IFSM IFSM IFSM IFSM IFSM IFSM IFSM It It It It TJ Tstg
2 2 2 2
Units up to 1600 VRRM + 100 260 165 3,500 4,200 3,350 4,000 2,600 2,480 1,750 1,820 52,000 73,000 56,000 80,000 -40 to +150 -40 to +150 35 - 50 4-6 35 - 50 4-6 200 7.1
2 2 2 2
V V A A A A A A A A A A A sec A sec A sec A sec C C in.-Lb. Nm in.-Lb. Nm g lb. V
60 Hz, 100% VRRM reapplied, TJ=150C 50 Hz, 100% VRRM reapplied, TJ=150C 8.3ms, 100% VRRM reapplied, TJ=150C 8.3ms, 100% No VRRM reapplied, TJ=150C 10ms, 100% VRRM reapplied, TJ=150C 10ms, 100% No VRRM reapplied, TJ=150C
I t for Fusing for One Cycle
Operating Temperature Storage Temperature Max. Mounting Torque, M6 Mounting Screw Max. Mounting Torque, M8 Terminal Screw Module Weight, Typical V Isolation @ 25C, Vrms for 1 sec
Vrms
3500
Revision Date: 12/04/2002
CD61__16A, CS61__16A CN61__16A, CC61__16A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
TM
Electrical Characteristics, TJ=25C unless otherwise specified
Characteristics Repetitive Peak Reverse Leakage Current Peak On-State Voltage Threshold Voltage, Low-level Slope Resistance, Low-level Threshold Voltage, High-level Slope Resistance, High-level VTM Coefficients, Full Range Symbol IRRM VFM V(TO)1 rT1 V(TO)2 rT2 Test Conditions Up to 1600V, TJ=150C IFM=520A, 180 Deg Conduction TJ = 150C, I = 16.7%IF(AV) to IF(AV) TJ = 150C, I = IF(AV) to IFSM TJ = 150C, I = 15%IF(AV) to IFSM VFM = A+ B Ln I +C I + D Sqrt I A= B= C= D= Min. Max. 20 1.43 0.73 1.5 0.88 1.26 0.563 0.0392 1.31 E-3 -8.25 E-5 Units mA V V m V m
Thermal Characteristics
Characteristics Thermal Resistance, Junction to Case Thermal Impedance Coefficients Symbol RJ-C ZJ-C Per Module, both conducting Per Junction both conducting ZJ-C= K1 (1-exp(-t/ 1)) + K2 (1-exp(-t/ 2)) + K3 (1-exp(-t/ 3)) + K4 (1-exp(-t/ 4)) Thermal Resistance, Case to Sink Lubricated RC-S Per Module K1 = 1.84E-2 K2 = 4.68E-2 K3 = 8.25E-2 K4 = 5.23E-2 Max. 0.1 0.2 1 = 2.53E-6 2 = 6.44E-2 3 = 3.11E-1 4 = 1.32 0.05 C/W Units C/W C/W
Revision Date: 12/04/2002
CD61__16A, CS61__16A CN61__16A, CC61__16A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
TM
Maximum On-State Forward Voltage Drop
( Tj = 150 C )
Maximum Transient Thermal Impedance
(Junction to Case, Per Diode)
0.22 0.20
5
On-State Voltage - Vfm - Volts
Thermal Impedance - Rjc - C/W
4
0.18 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02
3
2
1
0
10 100 1000 10000
0.00 0.01
0.1
1
10
Instantaneous On-State Current - Ifm - Amperes
Time - t - Seconds
M axim u m Allo w able Case T em peratu re
Maximum On-State Power Dissipation
(Sinusoidal Waveform) 250
(Sinusoidal W aveform )
150
120 200
180
140
Max. Power Dissipation Per Diode - Watts_
90 60
Max. Case Temperature - Tcase -C_
150
30
0
130
180
360
CONDUCTION ANGLE
100
120
30 110 60
50
0
180
360
CONDUCTION ANGLE
0 0 20 40 60 80 100 120 140 160 180 Average On-State Current - If(av) - Amperes
90 120 180 140 160 180
100 0 20 40 60 80 100 120
A verage O n-S ta te C urre nt - If(a v) - A m pe res
Maximum On-State Power Dissipation
(Rectangular Waveform)
300 360
Maximum Allowable Case Temperature
(Rectangular Waveform)
150
250 Max. Power Dissipation Per Diode - Watts_ 120
140
Max. Case Temperature - Tcase -C_
180 200 60 30 150 90
0
130
CONDUCTION ANGLE
180
360
120
100
110 30 100 60
50
0
CONDUCTION ANGLE
180 200 220
180
360
90 120 180 360
0 0 20 40 60 80 100 120 140 160 240 260 280
90
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Average On-State Current - If(av) - Amperes
Average On-State Current - If(av) - Amperes
Revision Date: 12/04/2002
CD61__16A, CS61__16A CN61__16A, CC61__16A
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
TM
Powerex CD61--16 Pow-R-Blok 6-Pulse Bridge
1500 1400 1300 1200
0.04 0.05 0.06 0.03 0.025 0.02 1500 Rth S-A (C/W) 1400 1300 1200 1100 0.08 0.10 0.12 0.15 600 0.20 500 400 300 200 100 0 1000 900 800 700
Total Power Dissipation vs Maximum Rated Output Current
1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 0 50 100 150 200 250 300 350 400 450 0 500
Total Power Dissipation (W)
Total Power Dissipation (W)
1100 1000 900 800 700 600 500 400 300 200 100 0 10 30 50 70 90 110 130 150 Ambient Temperature (C)
0.30 0.40 0.50 0.60
Maximum Bridge Output Current (A)
Six-Pulse Bridge Circuit Total Power Dissipation & Maximum Rated Output Current With Sink to Ambient Resistance of Heatsink as a Parameter.
Revision Date: 12/04/2002


▲Up To Search▲   

 
Price & Availability of CC610816

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X